Part Number Hot Search : 
HS0001 M5R13RQJ MAX840 2060CT 00ETTS JCS4N65B 03800 HSZ152
Product Description
Full Text Search
 

To Download 2SC4517 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4517 2SC4517A
DESCRIPTION With TO-220F package High voltage switching transistor APPLICATIONS For switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL PARAMETER
VCBO
VCEO VEBO IC ICM IB PC Tj Tstg
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 900 2SC4517 Collector-base voltage Open emitter 2SC4517A 1000 550 7 Collector-emitter voltage Open base Emitter-base voltage Open collector Collector current Collector current-pulse Base current Collector power dissipation Junction temperature Storage temperature TC=25ae 3 6 1.5 30 150 -55~150
UNIT
V
V V A A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=10mA ; IB=0 IC=1A; IB=0.2A IC=1A; IB=0.2A VCB=800V; IE=0 VEB=7V; IC=0 IC=1A ; VCE=4V IE=0; VCB=10V;f=1MHz IE=-0.25A ; VCE=12V
2SC4517 2SC4517A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE COB fT
MIN 550
TYP.
MAX
UNIT V
0.5 1.2 100 100 10 35 6 30 |I |I
V V A A
pF MHz
Switching times ton ts tf
TOR NDU ICO E SEM ANG INCH
Turn-on time Storage time 0.7 IC=1.0A IB1=0.15A IB2=-0.45A VCC=250V ,RL=250| 4.0 Fall time 0.5
|I |I |I
s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4517 2SC4517A
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4517 2SC4517A
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SC4517

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X